PART |
Description |
Maker |
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
T901N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
AM27512-3DC AM27512-3DCB AM27512-3DIB AM27512-4LEB |
±250V Input Range G = 1, 10, Micropower, Difference Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Hammond Manufacturing Co., Ltd. Electronic Theatre Controls, Inc.
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
CY2302SXI-1T |
Frequency Multiplier and Zero Delay Buffer; Voltage (V): 3.3/5.0 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 2; Operating Range: -40 to 85 C 23S SERIES, PLL BASED CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 Frequency Multiplier and Zero Delay Buffer; Voltage (V): 3.3/5.0 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 2; Operating Range: -40 to 85 C
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
FMBL1G300US60 |
IGBT Molding Type Module BK Precision Sweep/Function Generators, Waveforms: Sine, Square, Triangle, /- Pulse, /- Ramp, Frequency Range: .2 Hz-20 MHz, Resolution: 5 Digits, Tuning Range: 10:1, Impedance: 50 Ohm, Attenuation: -20 /-1 dB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
AM27C020-120/BUA AM27C020-120/BXA AM27C020-255DE A |
x8 EPROM 1, 2, 6 and 8 Channel, 10-Bit Serial I/O Data Acquisition Systems; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C 12-Bit, 800ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Precision Zero-Drift Operational Amplifier with Internal Capacitors; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C x8存储
|
Samsung Semiconductor Co., Ltd.
|
MAX1156-MAX1174 MAX1174ACUP MAX1174AEUP MAX1174BCU |
14-Bit 135ksps Single-Supply ADCs with Bipolar Analog Input Range 14-Bit / 135ksps / Single-Supply ADCs with Bipolar Analog Input Range "14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range" 1300/8000 Series Lucent STII Fiber Die 14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 14-Bit.135ksps.Single-Supply ADCs with Bipolar Analog Input Range
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|